Part Number Hot Search : 
HSMS282C BA1350 TDA8377H EGP30K HDA41 M3007N HC123 MC68336
Product Description
Full Text Search
 

To Download 1F110241-P11A0N-AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to change, please call your nearest foxconn sales representative for update informat ion. specifications future bus connector 1f series header press fit type 2.0mm pitch 4 rows mechanical contact retention force: 1.0kg min. electrical voltage rating: 750v current rating: 1a contact resistance: 45m ? max. dielectrical withstanding voltage: 1000v insulation resistance: 1000m ? min. physical housing: lcp, ul 94-0 rated, ivory white contact: phosphor bronze plating: see ?ordering information? drawing ordering inf or mation tail length(dim.t) 1=4.30mm mating area plating: 1=gold flash 3=0.76um(30u")min. gold plating 5=1.27um(50u")min. gold plating 6=0.25um(10u")min. gold plating a=0.76um(30u")min. fpt plating, 0.25um(10u")min. gold included product no.: 1 f 1 1 * * * * - p * * a 0 * - * * mating length(dim.m) 1=5.00 mm 2=5.75 mm 3=6.50 mm 4=7.25 mm 5=8.00 mm pos. no.: 024=024 pos. lead free code: n=none f=lead free package type: a=tube extension code: n,t,l,m tail style: p=press fit body style a0=standard part


▲Up To Search▲   

 
Price & Availability of 1F110241-P11A0N-AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X